Part Number Hot Search : 
M55342M1 ATS04A CM7205 40HF10 8L08A P89LPC 2SD1653 P8261
Product Description
Full Text Search
 

To Download UBC1V101MNS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
BC
Chip Type , High Temperature Range, Vibration Resistance
series
Highly dependable reliability withstanding load life of 1000 hours at +150C. Suited for automobile electronics where heavy duty services are indispensable. Adapted to the RoHS directive (2002/95/EC).
BC
High Temperature
UE
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
Performance Characteristics
- 55 ~ +150C 10 ~ 50V 100 ~ 3300F 20% at 120Hz, 20C After 1 minutes' application of rated voltage, leakage current is not more than 0.03CV or 4 (A), whichever is greater.
Rated voltage (V) tan (MAX.) 10 0.22 16 0.18 25 0.16 35 0.14 50 0.12 120Hz 20C
For capacitance of more than 1000F, add 0.02 for every increase of 1000F.
Rated voltage (V) Stability at Low Temperature Impedance ratio Z- 40C / Z+20C (MAX.)
Endurance
10
16
25
35
50
120Hz
8
6
4
4
4
Within 30% of initial value 300% or less of initial specified value Initial specified value or less
After 1000 hours' application of rated voltage at 150C, capacitors meet the characteristics requirements listed at right.
Capacitance change tan Leakage current
Shelf Life Marking
After storing the capacitors under no load at 150C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above.
Black print on the case top.
Chip Type
Type numbering system (Example : 10V 1000F)
Dimensions
V
Cap.(F)
Code
10 1A
16 1C
25 1E
12.5 x 13.5 12.5 x 13.5 650 700 800 1000 12.5 x 13.5 16 x 16.5 16 x 21.5 18 x 21.5
35 1V
12.5 x 13.5 550 650 750 950 1150 16 x 16.5 16 x 21.5 16 x 21.5 18 x 21.5
50 1H
420 550 650 850 1100
Rated ripple
100 220 330 470 680 1000 2200 3300
101 221 331 471 681 102 222 332
12.5 x 13.5 12.5 x 13.5 12.5 x 13.5 18 x 21.5 18 x 21.5 800 900 1350 1400 12.5 x 13.5 16 x 16.5 18 x 21.5
750 800 850 1350
12.5 x 13.5 16 x 16.5 16 x 21.5
Case size D x L (mm)
Rated Ripple (mArms) at 150C 100kHz
Frequency coefficient of rated ripple current
Frequency Coefficient
120 Hz 0.67
300 Hz 0.79
1 kHz 0.91
10 kHz~ 1.00
Taping specifications are given in page 22. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V-1


▲Up To Search▲   

 
Price & Availability of UBC1V101MNS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X